Part Number Hot Search : 
0100RF DF005 L7915C 7N60C WTS701MM DSI30 FST16 FMMZ5239
Product Description
Full Text Search
 

To Download PJ-A2C00SERIES Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  357 beloit street, p.o. box 457, burlington, wi 53105-0457 u.s.a. phone 262/763-3591 fax 262/763-2881 email: nelsales@nelfc.com www.nelfc.com hstl pj-a2c00 series preliminary description the pj-a2c00 series of quartz crystal oscillators provide hstl compatible signals. systems designers may now specify space-saving, cost-effective packaged hstl oscillators to meet their timing requirements. features ? wide frequency range?50.0mhz to 250.0mhz ? user specified tolerance available ? will withstand vapor phase temperatures of 253c for 4 minutes maximum ? space-saving alternative to discrete component oscillators ? high shock resistance, to 3000g ? 3.3 volt operation ? metal lid electrically connected to ground to reduce emi ? fast rise and fall times <800 ps ? high reliability - nel halt/hass qualified for crystal oscillator start-up conditions ? low jitter - wavecrest jitter characterization available ? overtone technology ? high q crystal actively tuned oscillator circuit ? power supply decoupling internal ? no internal pll avoids cascading pll problems ? high frequencies due to proprietary design ? gold plated leads - solder dipped leads available upon request electrical connection pin connection 1 v cc 2 enable/disable 3 v ee 4 output 5 output complement 6 v cco crystal clock oscillators data sheet 0208c rev. b
357 beloit street, p.o. box 457, burlington, wi 53105-0457 u.s.a. phone 262/763-3591 fax 262/763-2881 email: nelsales@nelfc.com www.nelfc.com pj-a2c00 series continued hstl operating conditions and output characteristics electrical characteristics parameter symbol conditions min typical max frequency ----- ----- 50.0mhz ----- 250.0mhz duty cycle (2) ----- @ v o /2 45/55% ----- 55/45% logic 0 (2) v ol ----- 0.0v ----- 0.4v logic 1 (2) v oh ----- 1.0v ----- 1.2v rise & fall time (2) tr,tf 20-80%v o ----- ----- 800 psec tpd (4) ----- ----- -200 psec ----- +200 psec jitter, rms (3) ----- ----- ----- ----- 3 psec enable (low) voltage ----- ----- ----- ----- 800mv disable (high) voltage ----- ----- 2.00v ----- ----- frequency stability (1) df/f overall conditions including: -100ppm ----- +100ppm voltage, calibration, temp., 10 yr aging, shock, vibration general characteristics parameter symbol conditions min typical max supply voltage v cc ----- 3.15v 3.3v 3.45v output supply voltage v cco ----- 1.6v ----- 2.00v supply current i cc ground current 0.0 ma ----- 100 ma output current i o continuous output current 0.0 ma ----- 50.0 ma operating temperature t a ------ 0c ----- 70c storage temperature t s ----- -55c ----- 125c power dissipation p d ----- ----- ----- 345 mw lead temperature t l soldering, 10 sec. ----- ----- 300c start-up time t s ----- ----- 2 ms 10 ms environmental and mechanical characteristics mechanical shock per mil-std-202, method 213, condition e thermal shock per mil-std-833, method 1011, condition a vibration 0.060" double amplitude 10 hz to 55 hz, 35g?s 55hz to 2000 hz soldering condition 300c for 10 seconds hermetic seal leak rate less than 1 x 10 -8 atm.cc/sec of helium footnotes: 1) standard frequency stability (20,25,50ppm & others available) 2) test load per hstl class i of eia/jedec standard eia /jesd8-6. 3) jitter performance is frequency dependent. please contact factory for full wavecrest characterization. 4) tpd is phase shift between the falling edge of pin 4 and the rising edge of pin 5. 5) open to enable pin also enables the output. rev. b crystal clock oscillators pj - a 2c0x - freq package code tolerance/performance pj 6 j lead smd 0 100ppm 0-70c 1 50ppm 0-70c 7 25ppm 0-70c input voltage 9 customer specific code specification a 20ppm 0-70c a 3.3v b 50ppm -40 to +85c 5v c 100ppm -40 to +85c creating a part number data sheet 0208c


▲Up To Search▲   

 
Price & Availability of PJ-A2C00SERIES

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X